PART |
Description |
Maker |
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX3088E MAX3082E MAX3087E MAX3083E MAX3086E MAX30 |
5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ±15kV ESD保护、失效保护、高10Mbps)、限摆率RS-485/RS-422收发 " ?à15kV ESD-Protected, Fail- Safe, High-Speed (10Mbps), Slew-Rate-Limited RS- 485/RS-422 Transceivers" ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ??5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
BL3085A |
High ESD-Protected Fail-Safe Slew-Rate-Limited High ESD-Protected, Fail-Safe, Slew-Rate-Limited
|
SHANGHAI BELLING CO., LTD. SHANGHAI BELLING CO., L...
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3280EAUKT MAX3281EAUT MAX3281EAUTT MAX3280E11 M |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers LINE RECEIVER, PDSO5
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX13444E MAX13444EASA MAX13443E MAX13443EASA MAX1 |
【15kV ESD-Protected, 【80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products
|
ISL3180EIBZ ISL3179EFRZ-T ISL3179EIRZ-T ISL3179EFU |
High ESD Protected, 125°C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-MSOP T&R LINE TRANSCEIVER, PDSO8 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-SOIC LINE TRANSCEIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
MAX14780E |
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
|
Maxim Integrated Products
|
ISL83082E ISL83082EIB ISL83082EIB-T ISL83082EIU-T |
-15KV ESD PROTECTED, 5V, FULL FAIL-SAFE, FRACTIONAL (1/8) UNIT LOAD, RS-485/RS-422 TRANSCEIVERS
|
INTERSIL[Intersil Corporation]
|
ISL3159E |
-15kV ESD Protected / 125C 40Mbps 5V - PROFIBUS / Full Fail-safe RS-485/RS-422 Transceivers
|
Intersil
|
|